Part Number Hot Search : 
TSOP1130 KC818A PM2301 P125T 8162Z C5200 TZQ5235B BM15A000
Product Description
Full Text Search
 

To Download 22-05-7075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/12/2010 please check www.molex.com for latest part information part number: 0022057075 status: active description: 2.50mm (.098") pitch spox? wire-to-board header, right angle, shrouded, friction lock, 7 circuits documents: 3d model product specification ps-5264-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 5268 application wire-to-board product name spox? physical breakaway no circuits (loaded) 7 circuits (maximum) 7 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation right angle pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm plating min: mating (in) 160 plating min: mating (m) 4 plating min: termination (in) 160 plating min: termination (m) 4 polarized to mating part yes polarized to pcb no shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5268 series mates with 5264 spox? wire-to-board crimp housing
electrical current - maximum per contact 3a voltage - maximum 250v material info old part number 5268-07a reference - drawing numbers packaging specification spk-5268-001 product specification ps-5264-001, rps-5264-005, rps-5268-001 sales drawing sd-5268-na this document was generated on 05/12/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 22-05-7075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X